PART |
Description |
Maker |
KA5M0380RYDTU KA5M0365RTU KA5L0365RYDTU KA5L0365RN |
Microprocessor Development Tool; Interface Type:Serial; Kit Contents:Development Board with MC68HC908GP32 CPU, MON08 Debug Port, 32K Flash, 512 Bytes RAM ; For Use With:MC68HC908GP32; Memory Organization - Flash:32 KB Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PZFM4 Fairchild Power Switch(FPS) 3 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDIP8 Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(FPS) 飞兆半导体功率开关(FPS
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
1331 1332 1320G1BLACK 1327 1300 110G9 1377G1 1377G |
CONTACT 15A CRIMP/SOLDER POWERPOLE HOUSING & CONT.BLK POWERPOLE HOUSING RED POWERPOLE HOUSING & CONT.BLUE CONTACT 25A 90DEG PCB 0.7 CONTACT 25A VERTICAL PCB MTG POWERPOLE HOUSING & CONT. RED PLUG FREE LATCHED 6 WAY CONTACT 25A 90DEG PCB 0.4 联系25A90度板0.4 CONTACT 30A CRIMP/SOLDER 联系30A条卷 POWERPOLE HOUSING & CONT. RED POWERPOLE房屋 LOCKING PIN POWERPACK 锁销强力 POWERPOLE HOUSING GREEN POWERPOLE房屋
|
3M Company Anderson Power Products, Inc.
|
IRF9130SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
LTC4267IGN-1 LTC4267IGN-1-PBF LTC4267IGN-1-TR LTC4 |
1 A SWITCHING CONTROLLER, 240 kHz SWITCHING FREQ-MAX, PDSO16 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
GENERLCCOMPONENT SIC401ACD-T1-GE3 8834 575-4 SIC40 |
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO IC SWITCHING REGULATOR, Switching Regulator or Controller
|
Vishay Siliconix
|
L6902D04 L6902D013TR L6902D E-L6902D |
3.2 A SWITCHING REGULATOR, 287 kHz SWITCHING FREQ-MAX, PDSO8 UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
|
STMICROELECTRONICS[STMicroelectronics]
|
FS6S1565RB FS6S1565RB-YDTU FS6S1565RB-TU FS6S1565R |
Fairchild Power Switch(FPS) 37 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5 Fairchild Power Switch(FPS) 37 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PZFM5 15A/650V Syncronized Power Switch
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|